PART |
Description |
Maker |
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC10H016FNG MC10H016FN MC10H01606 MC10H100MG MC10H |
4?Bit Binary Counter 4−Bit Binary Counter Quad 2?Input NOR Gate With Strobe Quad OR/NOR Gate Quad 2?Input OR Gate Quad 2?Input AND Gate Triple 2?3?2?Input OR/NOR Gate Triple 4?3?3?Input NOR Gate Triple 2?Input Exclusive OR/Exclusive NOR Gate Dual 4?5?Input OR/NOR Gate Quad Exclusive OR Gate
|
ONSEMI[ON Semiconductor]
|
74AC86 74AC86PC 74AC86SJ 74AC86SJX 74AC86MTCX 74AC |
IC-SM-74AC ADVANCED CMOS 集成电路Sm - 74AC先进的CMOS From old datasheet system Quad 2-Input Exclusive-OR Gate Quad 2-input Exclusive OR (XOR) Gate Complete High-Speed CMOS, 12-Bit ADC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14 CMOS, 8-Bit-Compatible, 12-Bit DAC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MM74C00 MM74C04 MM74C0002 MM74C04N MM74C00M MM74C0 |
Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter From old datasheet system Quad 2-Input NAND Gate •
|
FAIRCHILD[Fairchild Semiconductor]
|
MMC4025 MMC4001 MMC4002 MMC4000 |
Quad 2-input NOR gate Dual 4-input NOR gate Dual 3-input NOR gate plus inverter Triple 3-input NOR gate NOR GATES COMPLEMENTARY MOS INTEGRATED CIRCUITS
|
Microelectronica Micro Electronics
|
DM74ALS1032AN DM74ALS1032A DM74ALS1032AM DM74ALS10 |
Quadruple 2-Input OR Buffer Quad 2-input OR Gate ALS SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74LVX08DTR2 |
Quad 2-Input NAND Gate With 5 V−Tolerant Inputs LV/LV-A/LVX/H SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
ON Semiconductor
|
74LCX32SJ 74LCX32MX_NL 74LCX32 74LCX32BQX 74LCX32M |
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LCX08MTCNL |
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|